PART |
Description |
Maker |
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
ADP3309 ADP3309ART-27 ADP3309ART-285 ADP3309ART-29 |
anyCAP?/a> 100 mA Low Dropout Linear Regulator anyCAP⑩ 100 mA Low Dropout Linear Regulator anyCAP 100 mA Low Dropout Linear Regulator anyCAP100 mA Low Dropout Linear Regulator anyCAP00 mA时低压差线性稳压器
|
AD[Analog Devices] Analog Devices, Inc.
|
SP1084V1-L-5-0T/R SP1084V2-L-8/TR SP1084V2-L-/TR S |
5A Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 ROHS COMPLIANT, TO-220, 3 PIN 5A Low Dropout Linear Regulator
|
Sipex Corporation Exar, Corp.
|
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5 |
High Precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Precision anyCAPDual Low Dropout Linear Regulator
|
Analog Devices, Inc.
|
FAN1585A FAN1585AM15X FAN1585AM18X FAN1585AMC15X F |
Low Dropout 3 Terminal Regulators with 5A Output Current Capability 5A Adjustable/Fixed Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
MAX8882 MAX8882EUTA5 MAX8882EUTAQ MAX8882EUTGG MAX |
Dual / Low-Noise / Low-Dropout / 160mA Linear Regulators in SOT23 SPANISH OAK REVD 56MHZ Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AIC1731 AIC1731-33PVTR AIC1731-15CVBG AIC1731-15CV |
3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO 300mA, Low Dropout Linear Regulator with Shutdown
|
Analog Integrations, Corp. Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
MAX8530 MAX8531 MAX8530ETT MAX8531ETT MAX8530EBT M |
Dual Low-Dropout Linear Regulator with RESET-bar or Low-Noise Output in UCSP or QFN Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
SC5205-2.5CSKTR SC5205-3.6CSKTR SC5205-3.0CSKTR SC |
RES 5.9K OHM 1/16W 0.1% 0402 SMD 150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator 150mA Ultra Low Dropout/ Low Noise Micropower Linear Regulator
|
SEMTECH[Semtech Corporation]
|
NCV5662DSADJR4G |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|